PART |
Description |
Maker |
AD8277 |
Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
|
Analog Devices
|
CPCIS-1202 CPCIS-1202R CPCIS-ET1100 CPCIS-ET1102R |
3U Enclosure with 32-bit Backplane and Wide Temperature Range CompactPCI Redundant Power Supply
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
TL499ACPE4 TL499ACPSR |
<font color=red>[Old version datasheet]</font> Wide-Range Power-Supply Controllers
|
TI store
|
EDD10163BBH-5BLS-F EDD10163BBH-6ELS-F EDD10163BBH- |
64M X 16 DDR DRAM, 5 ns, PBGA60 1G bits DDR Mobile RAM WTR (Wide Temperature Range), Low Power Function 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
ELPIDA MEMORY INC
|
AD8426ACPZ-R7 AD8426ACPZ-WP AD8224 AD8236 AD627 AD |
Wide Supply Range, Rail-to-Rail Wide Supply Range, Micropower, Wide Supply Range, Rail-to-Rail
|
Analog Devices
|
EDD51163DBH-5BLS-F EDD51163DBH-6ELS-F EDD51163DBH- |
32M X 16 DDR DRAM, 5 ns, PBGA60 512M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range), Low Power Function 512M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
ELPIDA MEMORY INC
|
S2R72A42F12C4 S2R72A44F07E2 S2R72A42F07E2 S2R72A43 |
Wide temperature range Low power consumption
|
Epson Company
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
ICS98ULPA877A ICS98ULPA877AKLF-T CS98ULPA877AHLF-T |
1.8V Low-Power Wide-Range Frequency Clock Driver
|
Integrated Device Technology
|
LDO513 |
IP LIBRARY: POWER SUPPLY RANGE 2.9V TO 13V, LOW POWER, 50MA LOW DROPOUT VOLTAGE REGULATORS. IP Library: Power Supply Range 2.9V to 13V/ Low Power/ 50mA Low Dropout Voltage Regulator IP Library: Power Supply Range 2.9V to 13V, Low Power, 50mA Low Dropout Voltage Regulator IP LIBRARY: POWER SUPPLY RANGE 2.9V TO 13V. LOW POWER. 50MA LOW DROPOUT VOLTAGE REGULATORS.
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
DI-33 |
Wide Range DVD Supply: <50 mW No-load Consumption
|
POWERINT[Power Integrations, Inc.]
|